Part Number Hot Search : 
XW6822 PS2651L2 PL3502JP 10A20 SIZ916DT ZMM7V5 11001 MAX44
Product Description
Full Text Search
 

To Download WR24D121250U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WR-U SERIES
Single and dual output
* * * * * 30 Watts output power UL approved (48V input models) 2:1 input range Efficiency to 86% Isolated outputs
The WR-U series DC/DC converters accept a wide input voltage range of 9 to 18VDC, 18 to 36VDC, and 36 to 72VDC. A 100kHz switching regulator produces operating efficiencies as high as 86% with output loads as light as 25% of full load. These 30 Watt models provide for remote sensing, input/output isolation of 500VDC minimum, and short circuit protection. The WRU Series incorporates six sided continuous EMI/RFI shielding. The "U" package measures 2.56 x 4.56 x 0.83 inches and is PCB mountable. Other pertinent specifications include: overvoltage protection on all outputs, operating temperature range of -25C to 71C with no derating required and all models are free-air convection cooled.
[ 2 YEAR WARRANTY ]
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage accuracy Voltage adjustability Remote sense Line regulation Load regulation Voltage balance Ripple and noise Transient response Temperature coefficient Overvoltage protection Singles Singles
All specifications are typical at nominal input, full load at 25C unless otherwise stated
1.0% 10%, max. Yes
LL-HL, all outputs FL-NL FL-0.25%FL Duals 5Hz to 20MHz 25% step load change
Short circuit protection
INPUT SPECIFICATIONS Input voltage range
w
Single +5V output Single +12 and+15V Duals
w
w
t a .D
0.2%, max.
5.0%, max. 1.0%, max. 2.0%
S a
e h
INPUT SPECIFICATIONS CONTINUED CMOS or open collector TTL +5.5VDC min. or open-circuit max. 1.8VDC 5mA 0VDC Remote ON/OFF Logic compatibility Ec-ON Ec-OFF Shutdown idle current Input resistance Control common
U t4 e
.c
m o
GENERAL SPECIFICATIONS Efficiency Isolation voltage See Note 5 Switching frequency Approvals and standards Case material Typical Input/Output Input/Case Fixed Safety 75% to 86% 500VDC 250VDC 100kHz UL1950 Black coated copper with non-conductive base UL94V-0 390g (13.77oz) See Note 6 840,000 hours
75mV pk-pk 10mV rms, max.
1.0% error band 500 rec. s 0.02%/C, max. 6.8V 10% 18.0V 10% No
Material flammability Weight MTBF
Continuous automatic recovery
ENVIRONMENTAL SPECIFICATIONS 12VDC 24VDC 48VDC 12VDC 24VDC 48VDC Single outputs Dual outputs 9 to 18VDC 18 to 36VDC 36 to 72VDC 30mA 25mA 20mA Relative humidity Input filter See Note 7 Reverse voltage protection Pi filter Low ESR cap Internal shunt diode (Use external fuse) Altitude Vibration, Pressure Thermal performance Operating ambient -25C to +71C Non-operating amb. -55C to +105C Case, temp. rise +30C at FL max. Derating None required Cooling Free-air convection cooled Non-condensing Operating Non operating 5Hz to 500Hz 5% to 95% RH 10,000 feet max. 40,000 feet max. 2.5G rms (approx.)
No load input current
Data Sheet (c) Artesyn Technologies(R) 2000 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
PAGE 1
w
w w
.D
at
a
he S
4 et
U
o .c
m
DC/DC CONVERTERS
|
30W DC
30 Watt Wide input DC/DC converters
INPUT VOLTAGE
(1)
OUTPUT VOLTAGE 5VDC 12VDC 15VDC 5VDC 12VDC 15VDC 5VDC 12VDC 15VDC 12VDC 15VDC 12VDC 15VDC 12VDC 15VDC
OUTPUT CURRENT 5.0A 2.5A 2.0A 5.0A 2.5A 2.0A 5.0A 2.5A 2.0A 1.25A 1.0A 1.25A 1.0A 1.25A 1.0A
INPUT CURRENT 2.8A 3.2A 3.2A 1.35A 1.55A 1.55A 0.68A 0.78A 0.78A 3.05A 3.05A 1.5A 1.5A 0.73A 0.73A
(2)
TYPICAL EFFICIENCY 75% 78% 78% 77% 80% 80% 77% 80% 80% 82% 82% 84% 84% 86% 86%
REGULATION LINE (3) LOAD 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2%
(4)
MODEL NUMBER WR12S05/5000U WR12S12/2500U WR12S15/2000U WR24S05/5000U WR24S12/2500U WR24S15/2000U WR48S05/5000U WR48S12/2500U WR48S15/2000U WR12D12/1250U WR12D15/1000U WR24D12/1250U WR24D15/1000U WR48D12/1250U WR48D15/1000U
9-18VDC 9-18VDC 9-18VDC 18-36VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC 36-72VDC 9-18VDC 9-18VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC Notes
1 2 3 4 5 6 7 8
1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0%
Nominal input 12, 24 and 48VDC. Maximum at full load. Measured from high line to low line. Measured from full load to 0.25% full load. In many cases, the isolation specification may be upgraded. Consult factory for details. MTBF figures are based on actual product performance. Consult factory for details. Fixed frequency design provides for easier input filtering and better noise performance. Standard specifications are conservative and can be optimised for specific applications. In particular, converter start-up at lower than specified temperature, wider input voltage range and output voltage adjustment are all relatively simple modifications to the standard product. Consult factory for details.
EXTERNAL OUTPUT TRIMMING Output can be externally trimmed by 10% using either method shown below.
5 5
TRIM UP
4
4
10K TRIMPOT
TRIM DOWN
3 3
0.70 (17.80) 0.300 (7.600) 0.040 Dia. (1.000) 0.200 (5.100) 0.400 (10.200)
0.800 (20.300)
PIN CONNECTIONS PIN NUMBER 1 2 3 4 5 6 7 8 SINGLE OUTPUT + Input - Input + Sense/Trim Down Trim - Sense/Trim Up + Output - Output Remote On/Off Control DUAL OUTPUT + Input - Input + Output Common - Output
4.56 (115.80)
76
543
No Pin No Pin
2.50 (63.50)
BOTTOM VIEW
2
1
8
0.30 (7.60)
0.400 (10.200) 1.50 (38.10) 2.56 (66.00) 0.600 (15.200)
International Safety Standard Approvals
UL1950 File Numbers E136005 and E131987
0.83 (21.10)
0.22 Min. (5.60)
DS_WRU_19980401.PDF
ALL DIMENSIONS IN INCHES (mm)
http://www.artesyn.com
PAGE 2


▲Up To Search▲   

 
Price & Availability of WR24D121250U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X